Part Number Hot Search : 
D15SB100 SB160 PT66004 UM930105 SN74L 16X5R MAX6482 AD557
Product Description
Full Text Search
 

To Download 02770 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-1/2" - model 1287 ? clear acrylic window for wide angle visibility ? rugged black plastic case ? black spade pointer for easy distant reading ? optional behind-panel mounting bezel kit accuracy: movement: tracking: shielding: response time: overload (1 sec.): overload (continuous): repeatability: dial: resistance: operating temperature: case: pointer: scale length: net weight: + 2% f.s. (iron-vane), + 3 f.s. (rectified) models 1212, 1212t: small core magnet models 1247, 1347, 1349: annular, rectifier models 1257, 1357, 1359: iron-vane, magnetically damped + 3% calibration is unaffected by magnetic panel mounting. 1.5 seconds maximum 10 times f.s. 1.5 times f.s. 2%: ac current, dc process 3%: ac voltage, dc voltage, wattmeters 0.5%: dc current sharp clear scale. each dial arc is calibrated to track the specific type of movement used. + 15% of meter impedance -4f to +149f (-20c to +65c) high density black plastic model 1212: black lance; all other models: spade with black matte finish model 1212, 1212t: 1.50" (38.1mm); model 1227, 1227t, 1247, 1257: 2.3" (58.4mm) model 1327, 1327t, 1347, 1357, 1377: 3.14" (79.9mm); model 1329, 1329t, 1349, 1359, 1379: 3.93" (100mm) model 1212, 1212t: 2oz (0.06kg); model 1257: 4 oz. (0.11kg) model 1359: 5 oz. (0.14kg) model 1227, 1227t: 6oz (0.17kg) model 1327, 1327t, 1347: 8oz (0.23kg); model 1329, 1329t, 1349, 1377: 9oz (0.26kg) model 1379: 10 oz.( 0.28kg) 1-1/2"-model 1212, 1212t specifications dimensions 1.75 1.50 dia. 1.76 .53 .86 .55 (2) #8-32 studs .41 (4) #4-40 mtg. studs mtg. holes- .128 dia. drill thru 1.55 dia. .65 1.31 1.31 .12 1.00 .65
3-1/2"-model 1387 4-1/2? model 1379 2-1/2"-model 1227, 1227t, 1247, 1257 3-1/2"-model 1327, 1327t, 1347, 1357 4-1/2"-model 1329, 1329t, 1349, 1359 (2) #1/4-28 stud 4-1/2"-model 1389
0-1 43.0 06163 06175 06310 06470 0-3 2.0 <> 06180 06320 06480 0-5 2.0 (20)? 06164 06190 06330 06490 0-10 10.0 (2.2)? 06165 06200 06340 06495 0-15 6.6 (2.2)? 06166 06210 06350 06502 0-20 5.0 <> 06215 06360 06524 0-25 4.0 (6.0)? 06167 06220 06370 06530 0-50 2.0 (3.0)? 06168 06230 06380 06540 0-100 1.0 (1.5)? 06169 06240 06390 06550 0-150 .66 (1.0)? 06170 06250 06400 06560 0-200 .50 (.75)? 06171 06260 06410 06570 0-250 .40 (.60)? 06172 06270 06420 06580 0-300 .33 (.50)? 06173 06280 06430 06590 0-500 .20 (.30)? 06174 06290 06440 06600 0-750 .13 <> <> 06450 06610 0-1000 .05 <> 06292 06460 06620 range 0-1 0-1.5 0-2 0-3 0-5 0-10 0-15 0-25 0-30 0-50 0-100 0-150 0-200 0-300 0-500 15-0-15 30-0-30 50-0-50 ordering information d c m m i l l i a m m e t e r s , self-shielding movement model/size and catalog number 1-1/2" model 1212 2-1/2" model 1227 3-1/2" model 1327 4-1/2" model 1329 ? impedance of model 1212 shown in ( ) <> available on special order approx. impedance (0hms) @ 60 hz range model/size and catalog number .050 02431 02440 02640 .033 <> 02450 02650 .025 02432 02460 02660 .0166 02433 02470 02670 .010 02434 02480 02680 .005 02435 02490 02690 .0033* 02436? 02500 02700 .0020* 02437? 02510 02710 .0017 <> 02520 02720 .001* 02438? 02530 02730 10.0 <> 02540? 02740? 10.0 <> 02550? 02750? 10.0 <> 02552? 02760? 10.0 <> 02554? 02770? 10.0 <> <> 02780? .0033 <> <> 02790 .0017 <> <> 02800 .001 <> <> 02810 1-1/2" model 1212 2-1/2" model 1227 3-1/2" model 1327 4-1/2" model 1329 d c a a m m e t e r s , self shielding movement approx. impedance (0hms) @ 60 hz ? 1-1/2" dc current meters are self-contained through 10 amps. 15 amps and higher are supplied as 50mv meters to be used with external shunts. 2-1/2", 3-1/2" and 4-1/2" dc current meters are self-contained through 50 amps. higher range dc current meters are 50mv meters to be used with external shunts. <> available on special order. *model 1212 only - 10 ohms d c m m i l l i v o l t m e t e r s , self shielding movement range 1- 1/2?" model 1212 model/size and catalog number 0-50 10.0 07005 07010 07020 07030 50-0-50 20.0 <> <> 07021 07031 2 - 1/2" model 1227 3 - 1/2" model 1327 4 - 1/2" model 1329 <> available on special order. approx. impedance (ohms) @ 60 hz d c v v o l t m e t e r s , self shielding movement range 1- 1/2?" model 1212 model/size and catalog number 2000 ohms per volt 2 - 1/2" model 1227 3 - 1/2" model 1327 4 - 1/2" model 1329 *external multipliers (model 183) are furnished on 1-1/2" dc meters 500 volts or higher; on 2-1/2" dc meters 750 volts or higher; and on 3-1/2" and 4-1/2" dc meters 1000 volts or higher. all others have self-contained multipliers. <> available on special order. approx. impedance (ohms) @ 60 hz type rating 3 -1/2" model # p e r c e n t m m o t o r l l o a d m m e t e r s model/size and catalog number dc (note 1) 30mv 1327 07028 1329 07029 ac (note 2) 5 amps 1357 03171 1359 03301 catalog # 4 -1/2" model # catalog # note 1: dc load meters require an external shunt and potentiometer (not supplied). use 8 to 10 : , 2 watt wire-wound potentiometer. the appropriate shunt should be selected from accessory section and ordered separately. to select the proper shunt, first obtain the full- load current rating of your motor from the name plate, manufacturer's specifications of n.e.c. listing. multiply that rating by 1.25 and select and order the shunt with an amps rat- ing as large or slightly larger than the calculated value. installation and calibration instruc- tions are included with the meter. note 2: ac load meters must be used with external donut transformers. complete instruc- tions for proper selection are included with each ac load meter. advance assistance in selecting the appropriate transformer and determining the correct primary/secondary turns ratio can be obtained from a simpson technical service representative or authorized service center. 0-5 0-8 0-10 0-15 0-25 0-30 0-50 0-100 0-150 0-200 0-250 0-300 0-300 0-500 0-750 0-1000 09540 <> 09541 09542 09543 09544 09545 09546 09547 <> <> <> 09548 09549* <> <> 09550 <> 09560 09570 09580 09590 09600 09610 09620 09622 09623 09630 <> 09640 09650* 09660* 09720 09730 09740 09750 09760 09770 09780 09790 09800 09810 09820 09830 <> 09840 09850 09860* 09870 09880 09890 09900 09910 09920 09930 09940 09950 09960 09970 09980 <> 09990 10000 10010* 1000 ohms per volt w a t t m e t e r s / d y n a m o m e t e r t t y p e , not * compensated wattmeters: calibrated for either magnetic or non-magnetic panels and for a frequency of 25-125hz. 4 -2 2 0 m a p p r o c e s s m m e t e r s size scale model catalog no. 3-1/2" 0-100% 1327 35025 4-1/2" 0-100% 1329 35026 f r e q u e n c y m m e t e r s , self-shielding movement 02820 02830 02840 02850 02860 02870 02880 02890 02900 02910 02920? 02930? 02940? 02950? 02960? <> <> <> maximum range 45-55 hz 55-65hz 380-420 hz 45-55 hz 55-65hz 380-420 hz voltage 120v 120v 120v 240v 240v 240v 2-1/2" model 1287 35100 35102 35104 35101 35103 35105 3-1/2" model 1387 35106 35108 35110 35107 35109 35111 4-1/2" model 1389 35112 35114 35116 35113 35115 35117 model/size and catalog number amps .175 .400 1.0 2.0 4.0 4.0 10.0 10.0 20.0 4-1/2" model 1379 10930* 10940* 10960 10970 10975 10980 10990 11000 11010 volts 150 150 150 150 150 300 150 300 300 range 0-10 0-20 0-75 0-150 0-300 0-600 0-750 0-1500 0-3000 model/size and catalog number


▲Up To Search▲   

 
Price & Availability of 02770

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X